Part Number Hot Search : 
GMDA05 STW30 68732LA KK24LC04 AO6801L 23CTE A3280LH KBPC801
Product Description
Full Text Search
 

To Download CDB4354 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
CS4354
5 V Stereo DAC with 2 VRMS Ground-centered Output
Features
Advanced Multi-bit Delta-Sigma Modulator 101 dB A-wt Dynamic Range -86 dB THD+N Single-ended Ground Centered Analog
Description
The CS4354 is a complete stereo digital-to-analog system including digital interpolation, third-order multi-bit delta-sigma digital-to-analog conversion, digital de-emphasis, analog filtering, and on-chip 2 VRMS line-level driver from a 5 V supply. The advantages of this architecture include ideal differential linearity, no distortion mechanisms due to resistor matching errors, no linearity drift over time and temperature, high tolerance to clock jitter, and a minimal set of external components. The CS4354 is available in a 14-pin SOIC package in Commercial (-40C to +85C) grade. The CDB4354 Customer Demonstration Board is also available for device evaluation and implementation suggestions. Please see "Ordering Information" on page 23 for complete details. These features are ideal for cost-sensitive, 2-channel audio systems including video game consoles, Blu-Ray Disc(R) and DVD players, set-top boxes, digital TVs, and DAB/DMB devices.
Architecture - No DC-blocking Capacitors Required - Integrated Inverting Charge Pump - Filtered Line-level Outputs - 2 VRMS Full-scale Output
Low-latency Digital Filtering Supports Sample Rates up to 192 kHz 24-bit IS Input +5 V Analog Supply with Integrated Inverting
Charge Pump and Regulator for Core Logic, and +1.8 V to +5 V Interface Power Supplies 50 mW Power Consumption 14-pin SOIC, Lead-free Assembly
Interface Supply (VL) +1.8V to +5V
Analog Supply (VA) +5 V
1.8V reg Inverting Charge Pump
Power-On Reset
-VA
Ground-Centered, 2 Vrms Line Level Outputs
Level Shifter
Left Channel PCM Serial Audio Port
Interpolation Filters + HPF Multibit Modulator
IS Serial Audio Input
DAC Right Channel
Auto Speed Mode Detect
Advance Product Information
http://www.cirrus.com
This document contains information for a new product. Cirrus Logic reserves the right to modify this product without notice.
Copyright Cirrus Logic, Inc. 2010 (All Rights Reserved)
JULY '10 DS895A2
www..com
CS4354
TABLE OF CONTENTS
1. PIN DESCRIPTIONS ........................................................................................................................... 4 2. CHARACTERISTICS AND SPECIFICATIONS ...................................................................................... 5 RECOMMENDED OPERATING CONDITIONS .................................................................................... 5 ABSOLUTE MAXIMUM RATINGS ........................................................................................................ 5 DAC ANALOG CHARACTERISTICS .................................................................................................... 6 COMBINED DIGITAL AND ON-CHIP ANALOG FILTER CHARACTERISTICS ................................... 7 SWITCHING SPECIFICATIONS - SERIAL AUDIO INTERFACE ......................................................... 8 DIGITAL INTERFACE CHARACTERISTICS ....................................................................................... 10 INTERNAL POWER-ON RESET THRESHOLD VOLTAGES ............................................................. 10 DC ELECTRICAL CHARACTERISTICS .............................................................................................. 11 2.1 Digital I/O Pin Characteristics ........................................................................................................ 11 3. TYPICAL CONNECTION DIAGRAM ................................................................................................... 12 4. APPLICATIONS ................................................................................................................................... 13 4.1 Ground-Centered Line Outputs ...................................................................................................... 13 4.2 Sample Rate Range/Operational Mode Detect .............................................................................. 13 4.3 System Clocking ............................................................................................................................ 13 4.4 Serial Clock .................................................................................................................................... 14 4.4.1 External Serial Clock Mode ................................................................................................... 14 4.4.2 Internal Serial Clock Mode .................................................................................................... 14 4.4.2.1 De-Emphasis Control ................................................................................................. 14 4.5 Internal High-Pass Filter ................................................................................................................ 15 4.6 Digital Interface Format .................................................................................................................. 15 4.7 Internal Power-On Reset ............................................................................................................... 15 4.8 Initialization .................................................................................................................................... 16 4.9 Recommended Power-Up and Power-Down Sequences .............................................................. 18 4.9.1 Power-Up Sequence ............................................................................................................. 18 4.9.2 Power-Down Sequence ......................................................................................................... 18 4.10 Grounding and Power Supply Arrangements .............................................................................. 18 4.10.1 Capacitor Placement ........................................................................................................... 18 5. COMBINED DIGITAL AND ON-CHIP ANALOG FILTER RESPONSE PLOTS .............................. 19 6. PARAMETER DEFINITIONS ................................................................................................................ 21 7. PACKAGE INFORMATION .................................................................................................................. 22 7.1 Dimensions .................................................................................................................................... 22 7.2 Thermal Characteristics ................................................................................................................. 22 8. ORDERING INFORMATION ................................................................................................................ 23 9. REVISION HISTORY ............................................................................................................................ 24
LIST OF FIGURES
Figure 1. External Serial Clock Mode Input Timing ..................................................................................... 9 Figure 2. Internal Serial Clock Mode Input Timing ...................................................................................... 9 Figure 3. Internal Serial Clock Generation .................................................................................................. 9 Figure 4. Power-On Reset Threshold Sequence ...................................................................................... 10 Figure 5. Typical Connection Diagram ...................................................................................................... 12 Figure 6. CS4354 Data Format (IS) ......................................................................................................... 14 Figure 7. De-Emphasis Curve, Fs = 44.1 kHz .......................................................................................... 15 Figure 8. Internal Power-On Reset Circuit ................................................................................................ 15 Figure 9. Initialization and Power-Down Sequence Diagram .................................................................... 17 Figure 10. Single-Speed Stopband Rejection ........................................................................................... 19 Figure 11. Single-Speed Transition Band ................................................................................................. 19 Figure 12. Single-Speed Transition Band (detail) ..................................................................................... 19 Figure 13. Single-Speed Passband Ripple ............................................................................................... 19 Figure 14. Double-Speed Stopband Rejection .......................................................................................... 19 2 DS895A2
www..com
CS4354
Figure 15. Double-Speed Transition Band ................................................................................................ 19 Figure 16. Double-Speed Transition Band (detail) .................................................................................... 20 Figure 17. Double-Speed Passband Ripple .............................................................................................. 20 Figure 18. Quad-Speed Stopband Rejection ............................................................................................ 20 Figure 19. Quad-Speed Transition Band .................................................................................................. 20 Figure 20. Quad-Speed Transition Band (detail) ...................................................................................... 20 Figure 21. Quad-Speed Passband Ripple ................................................................................................ 20
LIST OF TABLES
Table 1. Power-On Reset Threshold Voltages .......................................................................................... 10 Table 2. Digital I/O Pin Characteristics ..................................................................................................... 11 Table 3. CS4354 Operational Mode Auto-Detect ...................................................................................... 13 Table 4. Common MCLK and LRCK Frequencies .................................................................................... 13 Table 5. Internal SCLK Frequencies ......................................................................................................... 14
DS895A2
3
www..com
CS4354
1. PIN DESCRIPTIONS
VL SDIN MCLK LRCK SCLK/DEM GND FILT+
1 2 3 4 5 6 7
14 13 12 11 10 9 8
-VFILT FLYN FLYP VA GND AOUTB AOUTA
Pin Name Pin #
VL SDIN MCLK LRCK SCLK/DEM FILT+ AOUTA AOUTB GND VA FLYP FLYN -VFILT 1 2 3 4 5
Pin Description
Serial Audio Interface Power (Input) - Positive power for the serial audio interface. Serial Audio Data Input (Input) - Input for two's complement serial audio data. Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters. Left / Right Clock (Input) - Determines which channel, Left or Right, is currently active on the serial audio data line. Serial Clock (Input) - Serial clock for the serial audio interface. Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits. Analog Outputs (Output) - The full-scale analog line output level is specified in the Analog Characteristics table. Analog, Charge Pump, and Regulator Power (Input) - Positive power supply for the analog, inverting charge pump, and regulator for the digital core logic sections. Inverting Charge Pump Cap Positive/Negative Nodes (Output) - Positive and Negative nodes for the inverting charge pump's flying capacitor. Inverting Charge Pump Filter Connection (Output) - Power supply from the inverting charge pump that provides the negative rail for the output amplifiers.
7
8 9
6, 10 Ground (Input) - Ground reference. See Section 4.10 on page 18 for layout considerations. 11 12 13 14
4
DS895A2
www..com
CS4354
2. CHARACTERISTICS AND SPECIFICATIONS RECOMMENDED OPERATING CONDITIONS
GND = 0 V; all voltages with respect to ground.(Note 1) Parameters
DC Power Supply Ambient Operating Temperature (Power Applied) Analog power Interface power -CSZ
Symbol
VA VL TA
Min
4.75 1.4 -40
Typ
5.0 1.8, 3.3, 5.0 -
Max
5.25 5.25 +85
Units
V V C
Notes: 1. Device functional operation is guaranteed within these limits. Functionality is not guaranteed or implied outside of these limits. Operation outside of these limits may adversely affect device reliability.
ABSOLUTE MAXIMUM RATINGS
GND = 0 V; all voltages with respect to ground. Parameters
DC Power Supply Low Voltage Analog Power Interface Power Digital Interface
Symbol
VA VL Iin VIN-L TA Tstg
Min
-0.3 -0.3 -0.3 -55 -65
Max
6.0 6.0 10 VL+ 0.4 +125 +150
Units
V V mA V C C
Input Current, Any Pin Except Supplies Digital Input Voltage (Note 2) Ambient Operating Temperature (Power Applied) Storage Temperature
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes. Notes: 2. The maximum over/under voltage is limited by the input current except on the power supply pin.
DS895A2
5
www.
CS4354
DAC ANALOG CHARACTERISTICS
Test conditions (unless otherwise specified): TA = 25 C; VA = 5 V, VL = 3.3 V; GND = 0 V; FILT+, -VFILT, and FLYP/N capacitors as shown in Figure 5 on page 12; input test signal is a 997 Hz sine wave at 0 dBFS; measurement bandwidth 20 Hz to 20 kHz. Parameter
Dynamic Range 24-bit A-Weighted unweighted 16-bit A-Weighted unweighted 0 dB -20 dB -60 dB THD+N 0 dB -20 dB -60 dB (A-wt) (1 kHz) (Notes 6, 7)
Symbol
Min
95 92 0.38*VA 1.07*VA -
Typ
101 98 96 93 -86 -78 -38 -86 -73 -33 101 100 0.40*VA 1.13*VA 0.1 1 100 100 -
Max
-80 -72 -32 0.42*VA 1.19*VA 8 100
Unit
dB dB dB dB dB dB dB dB dB dB dB dB VRMS Vpp dB mV ppm/C k pF
Dynamic Performance, Fs = 48, 96, and 192 kHz (Notes 3, 5)
Total Harmonic Distortion + Noise
24-bit
16-bit
Idle Channel Noise / Signal-to-Noise Ratio Interchannel Isolation
Analog Output (Note 4)
Full Scale AOUTx Output Voltage Interchannel Gain Mismatch Output Offset Gain Drift Output Impedance Load Resistance Load Capacitance ZOUT RL CL
3 -
Notes: 3. Measured at the output of the external low-pass filter on AOUTx as shown in Figure 5 on page 12. 4. Measured between the AOUTx and GND pins. 5. One LSB of triangular PDF dither is added to data. 6. Does not include attenuation due to ZOUT. Additional impedance between the AOUTx pin and the load will lower the voltage delivered to the load. 7. VPP is the controlling specification. VRMS specification valid for sine wave signals only.
Vpp Note that for sine wave signals: VRMS = ---------22
6
DS895A2
www..com
CS4354
COMBINED DIGITAL AND ON-CHIP ANALOG FILTER CHARACTERISTICS
The filter characteristics have been normalized to the sample rate (Fs) and can be referenced to the desired sample rate by multiplying the given characteristic by Fs. Reference level (0 dB) is set at 997 Hz. (Note 11) Parameter Single-Speed Mode - 48 kHz
Passband (Note 8) to -0.05 dB corner to -3 dB corner
Min
1.796*10-4 1.947*10-5 -0.05 0.550 80 dB 8.980*10-5 9.736*10-6 -0.05 0.583 82 dB 4.490*10-5 4.868*10-6 -0.05 0.630 85 dB -
Typ
2.452*104/Fs 9.4/Fs 4.903*104/Fs 7.0/Fs 9.807*104/Fs 4.9/Fs
Max
0.470 0.500 +0.05 0.14 0.290 0.500 +0.05 0.253 0.486 +0.05 -
Unit
Fs Fs dB Fs dB s s dB Fs Fs dB Fs dB s s Fs Fs dB Fs dB s s
Frequency Response 20 Hz to 20 kHz StopBand StopBand Attenuation (Note 9) High Pass Filter Settling Time (input signal goes to 95% of its final value) Total Group Delay De-emphasis Error (Note 10)(Relative to 1 kHz) Fs = 44.1 kHz
Double-Speed Mode - 96 kHz
Passband (Note 8) to -0.05 dB corner to -3 dB corner
Frequency Response 20 Hz to 20 kHz StopBand StopBand Attenuation (Note 9) High Pass Filter Settling Time (input signal goes to 95% of its final value) Total Group Delay
Quad-Speed Mode - 192 kHz
Passband (Note 8) to -0.05 dB corner to -3 dB corner
Frequency Response 20 Hz to 20 kHz StopBand StopBand Attenuation (Note 9) High Pass Filter Settling Time (input signal goes to 95% of its final value) Total Group Delay
Notes: 8.
Response is clock-dependent and will scale with Fs.
9. For Single- and Double-Speed Mode, the Measurement Bandwidth is from stopband to 3 Fs. For Quad-Speed Mode, the Measurement Bandwidth is from stopband to 1.34 Fs. 10. De-emphasis is available only in Single-Speed Mode. 11. Amplitude vs. frequency plots of this data are available in "Combined Digital and On-chip Analog Filter Response Plots" on page 19.
DS895A2
7
www..com
CS4354
Units
MHz % kHz kHz kHz kHz % ns ns % ns ns ns ns
SWITCHING SPECIFICATIONS - SERIAL AUDIO INTERFACE
Parameters
MCLK Frequency MCLK Duty Cycle Input Sample Rate (Note 12) All MCLK/LRCK ratios combined (SSM) 256x, 384x, 512x, 768x, 1024x (DSM) 128x, 192x, 256x, 384x, 512x (QSM) 128x, 192x, 256x Fs
Symbol
Min
7.6 45 30 30 84 170 45
Typ
-
Max
55.3 55 216 54 108 216 55 55 -
External SCLK Mode
LRCK Duty Cycle SCLK Pulse Width Low SCLK Pulse Width High SCLK Duty Cycle SCLK rising to LRCK edge delay LRCK edge to SCLK rising delay SDIN valid to SCLK rising setup time SCLK rising to SDIN hold time tslrd tslrs tsdlrs tsdh tsclkl tsclkh 20 20 45 20 20 20 20
Internal SCLK Mode
LRCK Duty Cycle
1 50% - --------------------------2 MCLK
(Note 14) -
1 50% + --------------------------2 MCLK
ns ns ns ns
SCLK Period MCLK falling to LRCK edge LRCK edge to SCLK rising SDIN valid to SCLK rising setup time
(Note 13)
tsclkw tmclkf tsclkr tsdlrs
10 9 --------------SCLK - 10 9 -------------------------4 MCLK 10 9 ---------------------- + 10 512 Fs 10 9 ---------------------- + 15 512 Fs 10 9 ---------------------- + 15 384 Fs
10 9 -------------------------4 MCLK -
SCLK rising to SDIN hold time MCLK / LRCK = 1024, 512, 256, 128 tsdh MCLK / LRCK = 768, 384, 192
-
ns
-
-
12. Not all sample rates are supported for all clock ratios. See Section 4.2 "Sample Rate Range/Operational Mode Detect" on page 13 for supported ratios and frequencies. SSM = Single-Speed Mode, DSM = Double-Speed Mode, QSM = Quad-Speed Mode. 13. SCLK period is defined by the SCLK / LRCK ratio. The SCLK / LRCK ratio may be either 32, 48, or 64. See Table 5 on page 14.
t sclkw 10 14. t sclkr = ----------------- + -------------------------- + t mclkf 2 2 MCLK 9
8
DS895A2
www..com
CS4354
LRCK t slrd SCLK t sdlrs SDIN t sdh t slrs t sclkl t sclkh
Figure 1. External Serial Clock Mode Input Timing
MCLK t mclkf LRCK
t sclkr
SDIN t sdlrs * INTERNAL SCLK t sclkw t sdh
The SCLK pulses shown are internal to the CS4354.
Figure 2. Internal Serial Clock Mode Input Timing
LRCK
MCLK 1
*INTERNAL SCLK
N 2
N
SDIN
* The SCLK pulses shown are internal to the CS4354. N equals MCLK divided by SCLK
Figure 3. Internal Serial Clock Generation
DS895A2
9
www..co
CS4354
DIGITAL INTERFACE CHARACTERISTICS
Test conditions (unless otherwise specified): GND = 0 V; all voltages with respect to ground. Parameters
High-Level Input Voltage Low-Level Input Voltage Input Leakage Current Input Capacitance 1.8 V Symbol
VIH VIL Iin
Min
0.7xVL -
Typ
8
Max
0.3xVL 10 -
Units
V V A pF
INTERNAL POWER-ON RESET THRESHOLD VOLTAGES
Test conditions (unless otherwise specified): GND = 0 V; all voltages with respect to ground. Parameters
Internal Reset Asserted at Power-On Internal Reset Released at Power-On Internal Reset Asserted at Power-Off
Symbol
Von1 Von2 Voff
Min -
Typ 0.2 3.6 3.1
Max -
Units V V V
Table 1. Power-On Reset Threshold Voltages
VA
Von2 Von1
GND
Voff
reset
(internal)
HI LO
reset No Power undefined
reset active
DAC Ready
reset active
Figure 4. Power-On Reset Threshold Sequence
10
DS895A2
www..com
CS4354
DC ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise specified): VA = 5 V, VL = 3.3 V; GND = 0 V; SDIN = 0; all voltages with respect to ground. Parameters Power Supplies
Power Supply Current (Note 15) Normal Operation (Note 16) Power-Down (Note 17) Power Dissipation (All Supplies) Normal Operation (Note 16) (Note 15) Power-Down (Note 17) Power Supply Rejection Ratio (Note 18) (1 kHz) (60 Hz) IVA IVL IVA IVL 10 0.1 0.5 1 50 2.5 60 60 3.5 4.9 4.7 13 0.2 65 mA mA mA A mW mW dB dB V V V
Symbol
Min
Typ
Max
Units
PSRR
DC Output Voltages
Pin Voltage FILT+ to GND FLYP to FLYN GND to -VFILT
Notes: 15. Power supply current increases with increasing sample rate and increasing MCLK frequency. Typical values are based on Fs = 48 kHz and MCLK = 12.288 MHz. Maximum values are based on highest sample rate and highest MCLK frequency; see Switching Specifications - Serial Audio Interface. Variance between speed modes is small. 16. During normal operation, SDIN = 997 Hz sine wave at 0 dBFS with load resistance RL = 3 k. 17. Power-down is defined as all clock and data lines held static low. All digital inputs have a weak pulldown (approximately 50 k) which is only present during power on reset. Opposing this pull-down will increase the power-down current. 18. Valid with the recommended capacitor values as shown in the typical connection diagram in Section 5.
2.1
Digital I/O Pin Characteristics
Input and output levels and associated power supply voltage are shown in Table 2. Logic levels should not exceed the corresponding power supply voltage.
Pin Name MCLK LRCK SCLK SDIN Power Supply VL VL VL VL I/O Input Input Input Input Driver Receiver 1.8 V - 5 V 1.8 V - 5 V 1.8 V - 5 V 1.8 V - 5 V
Table 2. Digital I/O Pin Characteristics
DS895A2
11
www..com
CS4354
3. TYPICAL CONNECTION DIAGRAM
+5 V
2.2 F
+
0.1 F
11
VA
FILT+
7
+
2.2 F
CS4354
3
MCLK SCLK/DEM LRCK SDIN AOUTB
2.2 nF
9
Digital Audio Processor
5
Line Level Out Left & Right AOUTA
8
470 2.2 nF
Rext Rext
4
2
470
Note 1
+1.8 V to +5 V
0.1 F
1
VL FLYP FLYN
12
+
2.2 F
Note 1: Capacitors must be C0G or equivalent.
13
-VFILT
G ND G ND
14
+
2.2 F
10
6
Figure 5. Typical Connection Diagram
12
DS895A2
www..com
CS4354
4. APPLICATIONS
4.1 Ground-Centered Line Outputs
An on-chip charge pump creates a negative supply which allows the full-scale output swing to be centered around ground. This eliminates the need for large DC-blocking capacitors which create audible pops at power-on and provides improved low frequency response. See the DAC Analog Characteristics table for the complete specifications of the full-scale output voltage. It should be noted that external output impedance between the AOUTx pin and the load will lower the voltage delivered to the load.
4.2
Sample Rate Range/Operational Mode Detect
The CS4354 operates in one of three operational modes. The device will auto-detect the correct mode when the input sample rate (Fs), defined by the LRCK frequency, falls within one of the ranges illustrated in Table 3. Sample rates outside the specified range for each mode are not supported. In addition to a valid LRCK frequency, a valid serial clock (SCLK) and master clock (MCLK) must also be applied to the device for speed mode auto-detection; see Figure 9. Input Sample Rate (Fs)
30 kHz - 54 kHz 84 kHz - 108 kHz 170 kHz - 216 kHz
Mode
Single-Speed Mode Double-Speed Mode Quad-Speed Mode
Table 3. CS4354 Operational Mode Auto-Detect
4.3
System Clocking
The device requires external generation of the master (MCLK), left/right (LRCK) and serial (SCLK) clocks. The left/right clock, defined also as the input sample rate (Fs), must be synchronously derived from the MCLK signal according to specified ratios. The specified ratios of MCLK to LRCK, along with several standard audio sample rates and the required MCLK frequency, are illustrated in Table 4 on page 13. Refer to Section 4.6 for the required SCLK timing associated with the selected Digital Interface Format and to "Switching Specifications - Serial Audio Interface" on page 8 for the maximum allowed clock frequencies. LRCK (kHz) 32 44.1 48 88.2 96 176.4 192 Mode MCLK (MHz) 384x 512x 12.2880 16.3840 16.9344 22.5792 18.4320 24.5760 33.8688 45.1584 36.8640 49.1520 DSM
128x 11.2896 12.2880 22.5792 24.5760
192x 16.9344 18.4320 33.8688 36.8640 QSM
256x 8.1920 11.2896 12.2880 22.5792 24.5760 45.1584 49.1520
768x 24.5760 33.8688 36.8640 SSM
1024x 32.7680 45.1580 49.1520 -
Table 4. Common MCLK and LRCK Frequencies
DS895A2
13
www..com
CS4354
4.4
Serial Clock
The serial clock controls the shifting of data into the input data buffers. The CS4354 supports both external and internal serial clock generation modes. Refer to Figure 6 for a diagram of the IS data format.
LR C K Left C ha nnel R ig ht C ha n nel
SCLK
SDIN
MSB
-1 -2 -3 -4 -5
+5 +4 +3 +2 +1
LSB
MSB
-1 -2 -3 -4
+5 +4 +3 +2 +1
LSB
Figure 6. CS4354 Data Format (IS)
In order to support selectable de-emphasis without a dedicated pin, pin 5 (SCLK/DEM) functions both as a serial clock input and a de-emphasis select. In typical applications where de-emphasis is not required, the SCLK/DEM pin is the input for an external serial clock - this is known as the External Serial Clock Mode. To enable de-emphasis selection, the Internal Serial Clock Mode has to be used. Sections 4.4.1 and 4.4.2 describe this feature in detail.
4.4.1
External Serial Clock Mode
The CS4354 will enter the External Serial Clock Mode when 16 low to high transitions are detected on the DEM/SCLK pin during any phase of the LRCK period. When this mode is enabled, the Internal Serial Clock Mode and de-emphasis filter are disabled (see Figure 9 for flow diagram). In the External Serial Clock Mode, the CS4354 will support IS data up to 24-bit, with data valid on the rising edge of SCLK.
4.4.2
Internal Serial Clock Mode
The CS4354 will switch to Internal Serial Clock Mode if no low to high transitions are detected on the DEM/SCLK pin for 2 consecutive frames of LRCK (see Figure 9 for flow diagram). In the Internal Serial Clock Mode, the serial clock is internally derived and synchronous with MCLK and LRCK. The SCLK/LRCK frequency ratio is either 32, 48, or 64 depending on the speed mode and MCLK frequency. Operation in this mode is identical to operation with an external serial clock synchronized with LRCK. This mode allows access to the digital de-emphasis function. Refer to Table 5 for details (all frequencies listed as multiples of LRCK frequency). Speed Mode SSM DSM QSM MCLK = 128x 192x 48x 32x 256x 64x 32x 384x 48x 512x 64x 768x 64x 1024x 64x -
Table 5. Internal SCLK Frequencies
4.4.2.1
De-Emphasis Control
The device includes on-chip digital de-emphasis. Figure 7 shows the de-emphasis curve for Fs equal to 44.1 kHz. The frequency response of the de-emphasis curve scales with changes in the sample rate, Fs. The de-emphasis error will increase for sample rates other than 44.1 kHz. When the SCLK/DEM pin is connected to VL (internal SCLK mode), the 44.1 kHz de-emphasis filter is activated. When the SCLK/DEM pin is connected to GND, the de-emphasis filter is disabled. For more information see "Internal Serial Clock Mode" on page 14.
14
DS895A2
www..com
CS4354
De-emphasis selection is disabled in the external SCLK mode.
Gain dB T1=50 s 0dB
T2 = 15 s
-10dB
F1 3.183 kHz
F2 Frequency 10.61 kHz
Figure 7. De-Emphasis Curve, Fs = 44.1 kHz
Note:
De-emphasis is only available in Single-Speed Mode.
4.5
Internal High-Pass Filter
The CS4354 includes an internal digital high-pass filter. This filter prevents a constant digital offset from creating a DC voltage on the analog output pins. The filter's corner frequency is well below the audio band; see "Switching Specifications - Serial Audio Interface" on page 8 for filter specifications.
4.6
Digital Interface Format
The device accepts audio samples in the industry standard IS format only. For an illustration of the required relationship between the LRCK, SCLK and SDIN, see Figure 6 on page 14. SDIN is valid on the rising edge of SCLK. For more information about serial audio formats, refer to Cirrus Logic Application Note AN282: The 2-Channel Serial Audio Interface: A Tutorial, available at http://www.cirrus.com.
4.7
Internal Power-On Reset
The CS4354 features an internal power-on reset (POR) circuit. This circuit monitors the VA supply and automatically asserts or releases an internal reset of the DAC's digital circuitry when the supply reaches defined thresholds (see "Internal Power-On Reset Threshold Voltages" on page 10). No external clocks are required for the POR circuit to function.
VA GND
Power-On Reset Circuit
reset (internal)
Figure 8. Internal Power-On Reset Circuit When power is first applied, the POR circuit monitors the VA supply voltage to determine when it reaches a defined threshold, Von1. At this time, the POR circuit asserts the internal reset low, resetting all of the
DS895A2
15
www..com
CS4354
digital circuitry. Once the VA supply reaches the secondary threshold, Von2, the POR circuit releases the internal reset. When power is removed and the VA voltage reaches a defined threshold, Voff, the POR circuit asserts the internal reset low, resetting all of the digital circuitry. Note: For correct operation of the internal POR circuit, the voltage on VL must rise before or simultaneously with VA.
4.8
Initialization
When power is first applied, the DAC enters a reset (low power) state at the beginning of the initialization sequence. In this state, the AOUTx pins are weakly pulled to ground and FILT+ is connected to GND. The device will remain in the reset state until VON2 is reached. Once VON2 is reached, the internal digital circuitry is reset and the DAC enters a power-down state until MCLK is applied. Once MCLK is valid, the device enters an initialization state in which the charge pump powers up and charges the capacitors for the negative voltage supply. Once LRCK is valid, the number of MCLK cycles is counted relative to the LRCK period to determine the MCLK/LRCK frequency ratio. Next, the device enters the power-up state in which the interpolation filters and delta-sigma modulators are turned on, the internal voltage reference, FILT+, powers up to normal operation, the analog output pull-down resistors are removed, and power is applied to the output amplifiers. If a valid SCLK is applied, the device will clock in data according to the applied SCLK. If no SCLK is present, the device will clock in data using the derived internal SCLK (see Figure 3 on page 9) and will apply the deemphasis filter according to Section 4.4.2.1 on page 14. After this power-up state sequence is complete, normal operation begins and analog output is generated. If valid MCLK, LRCK, and SCLK are applied to the DAC before VON2 is reached, the total time from VON2 to the analog audio output from AOUTx is less than 50 ms. See Figure 9 for a diagram of the device's states and transition conditions.
16
DS895A2
www..com
CS4354
U S E R: A pply P ow er
P ow er-O n R eset S tate
P ow er-D ow n State
U S ER : R em ove M C LK
U S ER : A pply M C LK
Initialization S tate
U S ER : Apply LR C K
M C LK/LR C K R atio D etection
U S E R : C hange M C LK /LR C K ratio
V alid M C LK/LR C K R atio P ow er-U p S tate
O utputs M uted
U S E R: N o SC LK S C LK m ode = internal
U S E R : A pplied S C LK SC LK m ode = external N orm al O peration D e-em phasis Is D isabled
N orm al O peration D e-em phasis Is S electable
A nalog O utput is G enerated V alid M C LK/LR C K R atio U S E R : C hange M C LK /LR C K ratio
M ute State
Figure 9. Initialization and Power-Down Sequence Diagram
DS895A2
17
www..com
CS4354
4.9 4.9.1
Recommended Power-Up and Power-Down Sequences Power-Up Sequence
Follow the power-up sequence below: 1. Apply power. 2. After the power supplies are stable, provide the correct MCLK, LRCK, and SCLK (only in External Serial Clock Mode) signals to progress from the `Power-Down State' in the power-up sequence seen in Figure 9. Please refer to Section 4.4 on page 14 for common clock frequencies in the External Serial Clock Mode, and supported modes in the Internal Serial Clock Mode. The sequence will complete and audio will be output from the AOUTx pins within 50 ms after valid clocks are applied.
4.9.2
Power-Down Sequence
Follow the power-down sequence below: 1. For minimal pops, set the input digital data (SDIN) to zero for at least 8192 consecutive samples. 2. Remove the MCLK signal without applying any glitched pulses to the MCLK pin. 3. Remove the power supply voltages. Note: A glitched pulse is any pulse that is shorter than the period defined by the minimum/maximum MCLK signal duty cycle specification and the nominal frequency of the input MCLK signal. A transient may occur on the analog outputs if the MCLK signal duty cycle specification is violated when the MCLK signal is removed during normal operation; see "Switching Specifications - Serial Audio Interface" on page 8.
4.10
Grounding and Power Supply Arrangements
As with any high-resolution converter, the CS4354 requires careful attention to power supply and grounding arrangements if its potential performance is to be realized. The "Typical Connection Diagram" on page 12 shows the recommended power arrangements with VA and VL connected to clean supplies. It is strongly recommended that a single ground plane be used with the GND pins connected to the common plane; this is important because both pin 6 and pin 10 provide analog ground reference to the CS4354. Should it be necessary to split the ground planes, the CS4354 should be placed entirely in the analog plane. In this configuration, it is critical that the digital and analog ground planes be tied together with a low-impedance connection, ideally a strip of copper on the printed circuit board, at a single point near the CS4354. All signals, especially clocks, should be kept away from the FILT+ pin in order to avoid unwanted coupling into the DAC.
4.10.1 Capacitor Placement
Decoupling capacitors should be placed as close to the device as possible, with the low-value ceramic capacitor being the closest. To further minimize impedance, these capacitors should be located on the same PCB layer as the device. See DC Electrical Characteristics for the voltage present across pin pairs. This is useful for choosing appropriate capacitor voltage ratings and orientation if electrolytic capacitors are used. The CDB4354 evaluation board demonstrates the optimum layout and power supply arrangements.
18
DS895A2
www..com
CS4354
5. COMBINED DIGITAL AND ON-CHIP ANALOG FILTER RESPONSE PLOTS
Single-Speed Stopband Rejection Single-Speed Transition Band 0 0
-20
-20
-40
Amplitude(dB)
Amplitude(dB)
-40
-60
-60
-80
-80
-100
-100
-120 0.4
0.5
0.6
0.7 0.8 Frequency(normalized to Fs)
0.9
1
-120 0.4
0.42
0.44
0.46
0.48 0.5 0.52 Frequency(normalized to Fs)
0.54
0.56
0.58
0.6
Figure 10. Single-Speed Stopband Rejection
Single-Speed Transition Band Detail 0
0.06
Figure 11. Single-Speed Transition Band
Single-Speed Passband Ripple
-1
0.04
-2
-3
0.02
Amplitude(dB)
Amplitude(dB)
-4
-5
0
-6
-0.02
-7
-8
-0.04
-9
-0.06
-10 0.45
0.46
0.47
0.48
0.49 0.5 0.51 Frequency(normalized to Fs)
0.52
0.53
0.54
0.55
0
0.05
0.1
0.15
0.2 0.25 0.3 Frequency(normalized to Fs)
0.35
0.4
0.45
0.5
Figure 12. Single-Speed Transition Band (detail)
Double-Speed Stopband Rejection
Figure 13. Single-Speed Passband Ripple
Double-Speed Transition Band
0
0
-20
-20
-40
Amplitude(dB)
-40
-60
Amplitude(dB)
0.5 0.6 0.7 0.8 Frequency(normalized to Fs) 0.9 1
-60
-80
-80
-100
-100
-120 0.4
-120 0.4
0.42
0.44
0.46
0.48 0.5 0.52 Frequency(normalized to Fs)
0.54
0.56
0.58
0.6
Figure 14. Double-Speed Stopband Rejection
Figure 15. Double-Speed Transition Band
DS895A2
19
www..com
CS4354
Double-Speed Transition Band Detail 0
0.2
Double-Speed Passband Ripple
-1
0.15
-2
0.1
-3
0.05
Amplitude(dB)
Amplitude(dB)
-4
-5
0
-6
-0.05
-7
-0.1
-8
-0.15
-9
-0.2
-10 0.45
0.46
0.47
0.48
0.49 0.5 0.51 Frequency(normalized to Fs)
0.52
0.53
0.54
0.55
0
0.05
0.1 0.15 Frequency(normalized to Fs)
0.2
0.25
Figure 16. Double-Speed Transition Band (detail)
Quad-Speed Stopband Rejection
Figure 17. Double-Speed Passband Ripple
Quad-Speed Transition Band
0
0
-20
-20
Amplitude(dB)
Amplitude(dB)
-40
-40
-60
-60
-80
-80
-100
-100
-120 0.2
0.3
0.4
0.5 0.6 0.7 Frequency(normalized to Fs)
0.8
0.9
1
-120 0.2
0.3
0.4
0.5 0.6 Frequency(normalized to Fs)
0.7
0.8
Figure 18. Quad-Speed Stopband Rejection
Quad-Speed Transition Band Detail 0
0.2
Figure 19. Quad-Speed Transition Band
Quad-Speed Passband Ripple
-1
0.15
-2
0.1
-3
0.05
Amplitude(dB)
-5
Amplitude(dB)
-4
0
-6
-0.05
-7
-0.1
-8
-0.15
-9
-10 0.45
0.46
0.47
0.48
0.49 0.5 0.51 Frequency(normalized to Fs)
0.52
0.53
0.54
0.55
-0.2
0
0.05
0.1
0.15 0.2 0.25 Frequency(normalized to Fs)
0.3
0.35
0.4
Figure 20. Quad-Speed Transition Band (detail)
Figure 21. Quad-Speed Passband Ripple
20
DS895A2
www..com
CS4354
6. PARAMETER DEFINITIONS
Total Harmonic Distortion + Noise (THD+N) The ratio of the RMS value of the signal to the RMS sum of all other spectral components over the specified bandwidth (typically 10 Hz to 20 kHz), including distortion components. Expressed in decibels. Dynamic Range The ratio of the full-scale RMS value of the signal to the RMS sum of all other spectral components over the specified bandwidth. Dynamic range is a signal-to-noise measurement over the specified bandwidth made with a -60 dBFS signal. 60 dB is then added to the resulting measurement to refer the measurement to full scale. This technique ensures that the distortion components are below the noise level and do not affect the measurement. This measurement technique has been accepted by the Audio Engineering Society, AES171991, and the Electronic Industries Association of Japan, EIAJ CP-307. Interchannel Isolation A measure of crosstalk between the left and right channels. Measured for each channel at the converter's output with all zeros to the input under test and a full-scale signal applied to the other channel. Units in decibels. Interchannel Gain Mismatch The gain difference between left and right channels. Units in decibels. Gain Drift The change in gain value with temperature. Units in ppm/C.
DS895A2
21
www..com
CS4354
7. PACKAGE INFORMATION
7.1 Dimensions
14L SOIC (150 MIL BODY) PACKAGE DRAWING
E
H
1 b D SEATING PLANE e A1 c
A L
DIM A A1 b C D E e H L
MIN 0.0590 0.0040 0.0138 0.0075 0.3380 0.1520 0.2300 0.0160 0
INCHES NOM 0.050 BSC -
MAX 0.0708 0.0098 0.0200 0.0098 0.3440 0.1574 0.2440 0.0350 8 JEDEC #: MS-012
MIN 1.397 0.102 0.351 0.190 8.585 3.861 5.842 0.406 0
MILLIMETERS NOM 1.270 BSC -
MAX 1.549 0.249 0.508 0.250 8.738 3.998 6.198 0.889 8
Controling Dimension is Millimeters
7.2
Thermal Characteristics
Parameter Symbol
2 Layer Board 4 Layer Board
Min -
Typ 110 86
Max -
Units C/Watt
Junction to Ambient Thermal Impedance
JA
22
DS895A2
www..com
CS4354
8. ORDERING INFORMATION
Description Package 5 V Stereo Audio DAC 14-pin CS4354 with 2 VRMS Line Output SOIC CDB4354 CS4354 Evaluation Board Product Pb-Free YES Grade Commercial Temp Range -40 to +85 C Container Rail Tape & Reel Order # CS4354-CSZ CS4354-CSZR CDB4354
DS895A2
23
www..com
CS4354
9. REVISION HISTORY
Release
A1 (Sept `09) - - - - - - - - - - - - - A2 (July `10) - - - - - - - - - -
Changes
Initial release. Updated THD+N specification in DAC Analog Characteristics. Updated dynamic range specification in DAC Analog Characteristics. Updated idle channel noise/SNR specification in DAC Analog Characteristics. Updated front page dynamic range and THD+N performance to match updated specifications. Updated frequency response specification description in Combined Digital and On-Chip Analog Filter Characteristics so that frequency response limits are measured relative to 1 kHz. Updated Power On Reset threshold values in Internal Power-On Reset Threshold Voltages. Removed typical specification for LRCK and SCLK in Switching Specifications - Serial Audio Interface. Updated power supply current specifications in DC Electrical Characteristics. Updated pin voltage specification in DC Electrical Characteristics. Corrected MCLK frequency in Table 4 from 33.8680 MHz to 33.8688 MHz. Updated test condition bandwidth in DAC Analog Characteristics from 10 Hz - 20kHz to 20 Hz - 20kHz Removed MCLK = 1152x LRCK mode support (per Rev B0 silicon). Updated specifications (LRCK min and corresponding MCLK min) in Switching Specifications - Serial Audio Interface, and applications information in Table 4 and Table 5. Added (Note 16) to DC Electrical Characteristics. Updated FILT+ description in Initialization. Updated interchannel isolation specification in DAC Analog Characteristics. Updated Table 3 to match specifications in Switching Specifications - Serial Audio Interface. Removed High Pass Filter Characteristics section; appended updated specifications to Combined Digital and On-Chip Analog Filter Characteristics. Updated passband and stopband specifications in Combined Digital and On-Chip Analog Filter Characteristics to reflect Rev B0 silicon. Updated title and plots in Combined Digital and On-chip Analog Filter Response Plots to reflect Rev B0 silicon. Updated typical output offset in DAC Analog Characteristics. Updated timing diagram Figure 2 to reflect internal SCLK generation as shown in Figure 3. Updated Typical Connection Diagram; VL capacitor now recommended by default.
24
DS895A2
www..com
CS4354
Contacting Cirrus Logic Support
For all product questions and inquiries, contact a Cirrus Logic Sales Representative. To find one nearest you, go to www.cirrus.com.
IMPORTANT NOTICE "Advance" product information describes products that are in development and subject to development changes. Cirrus Logic, Inc. and its subsidiaries ("Cirrus") believe that the information contained in this document is accurate and reliable. However, the information is subject to change without notice and is provided "AS IS" without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgment, including those pertaining to warranty, indemnification, and limitation of liability. No responsibility is assumed by Cirrus for the use of this information, including use of this information as the basis for manufacture or sale of any items, or for infringement of patents or other rights of third parties. This document is the property of Cirrus and by furnishing this information, Cirrus grants no license, express or implied under any patents, mask work rights, copyrights, trademarks, trade secrets or other intellectual property rights. Cirrus owns the copyrights associated with the information contained herein and gives consent for copies to be made of the information only for use within your organization with respect to Cirrus integrated circuits or other products of Cirrus. This consent does not extend to other copying such as copying for general distribution, advertising or promotional purposes, or for creating any work for resale. CERTAIN APPLICATIONS USING SEMICONDUCTOR PRODUCTS MAY INVOLVE POTENTIAL RISKS OF DEATH, PERSONAL INJURY, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE ("CRITICAL APPLICATIONS"). CIRRUS PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN PRODUCTS SURGICALLY IMPLANTED INTO THE BODY, AUTOMOTIVE SAFETY OR SECURITY DEVICES, LIFE SUPPORT PRODUCTS OR OTHER CRITICAL APPLICATIONS. INCLUSION OF CIRRUS PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO BE FULLY AT THE CUSTOMER'S RISK AND CIRRUS DISCLAIMS AND MAKES NO WARRANTY, EXPRESS, STATUTORY OR IMPLIED, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR PARTICULAR PURPOSE, WITH REGARD TO ANY CIRRUS PRODUCT THAT IS USED IN SUCH A MANNER. IF THE CUSTOMER OR CUSTOMER'S CUSTOMER USES OR PERMITS THE USE OF CIRRUS PRODUCTS IN CRITICAL APPLICATIONS, CUSTOMER AGREES, BY SUCH USE, TO FULLY INDEMNIFY CIRRUS, ITS OFFICERS, DIRECTORS, EMPLOYEES, DISTRIBUTORS AND OTHER AGENTS FROM ANY AND ALL LIABILITY, INCLUDING ATTORNEYS' FEES AND COSTS, THAT MAY RESULT FROM OR ARISE IN CONNECTION WITH THESE USES. Cirrus Logic, Cirrus, and the Cirrus Logic logo designs are trademarks of Cirrus Logic, Inc. All other brand and product names in this document may be trademarks or service marks of their respective owners. Blu-Ray Disc is a registered trademark of SONY KABUSHIKI KAISHA CORPORATION.
DS895A2
25


▲Up To Search▲   

 
Price & Availability of CDB4354

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X